Part Number Hot Search : 
BCR3PM IR3720 1N4689 FJP9100 EFD16G UD50N0 2SK16 UR805
Product Description
Full Text Search
 

To Download 0395320003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description: Documents: 3D Model Drawing (PDF)
0395320003 Active
5.08mm (.200") Pitch EurostyleTM Horizontal PCB Header, Open Ends, 3 Circuits
Product Specification PS-39500-001 (PDF) RoHS Certificate of Compliance (PDF)
General
Product Family Series Application Component Type Product Literature Order No Product Name Type Terminal Blocks 39532 Wire-to-Board PCB Header USA-355 ESE, EurostyleTMPluggable Euro Block image - Reference only
Series
Physical
Circuits (Loaded) Entry Angle Lock to Mating Part Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Wire Size AWG 3 N/A Yes 1 Horizontal 0.200 In 5.08 mm 0.125 In 5.08 mm No 0.200 In 5.08 mm Yes Open Ends No N/A -40C to +105C N/A
EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Search Parts in this Series 39532Series Mates With 39530 Horizontal Plug, 39533 Vertical Plug, Most 5.08mm (.200") Pitch Industry Standard Plugs
Electrical
Current - Maximum per Contact Voltage - Maximum 15A 300V
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-39500-001 SD-39501-002, SD-39532-003
This document was generated on 04/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Material Numbers Black 100% Tin Circuit size Printing Options None 395320002 395320003 395320004 395320005 395320006 395320007 395320008 395320009 395320010 395320011 395320012 395320013 395320014 395320015 395320016 395320017 395320018 395320019 395320020 395320021 395320022 395320023 395320024 10A 395320102 395320103 395320104 395320105 395320106 395320107 395320108 395320109 395320110 395320111 395320112 395320113 395320114 395320115 395320116 395320117 395320118 395320119 395320120 395320121 395320122 395320123 395320124 11A 395320202 395320203 395320204 395320205 395320206 395320207 395320208 395320209 395320210 395320211 395320212 395320213 395320214 395320215 395320216 395320217 395320218 395320219 395320220 395320221 395320222 395320223 395320224 None 395320502 395320503 395320504 395320505 395320506 395320507 395320508 395320509 395320510 395320511 395320512 395320513 395320514 395320515 395320516 395320517 395320518 395320519 395320520 395320521 395320522 395320523 395320524 30 u" Gold Printing Options 10A 395320602 395320603 395320604 395320605 395320606 395320607 395320608 395320609 395320610 395320611 395320612 395320613 395320614 395320615 395320616 395320617 395320618 395320619 395320620 395320621 395320622 395320623 395320624 11A 395320702 395320703 395320704 395320705 395320706 395320707 395320708 395320709 395320710 395320711 395320712 395320713 395320714 395320715 395320716 395320717 395320718 395320719 395320720 395320721 395320722 395320723 395320724 None 395325002 395325003 395325004 395325005 395325006 395325007 395325008 395325009 395325010 395325011 395325012 395325013 395325014 395325015 395325016 395325017 395325018 395325019 395325020 395325021 395325022 395325023 395325024 100% Tin Printing Options 10A 395325102 395325103 395325104 395325105 395325106 395325107 395325108 395325109 395325110 395325111 395325112 395325113 395325114 395325115 395325116 395325117 395325118 395325119 395325120 395325121 395325122 395325123 395325124 11A 395325202 395325203 395325204 395325205 395325206 395325207 395325208 395325209 395325210 395325211 395325212 395325213 395325214 395325215 395325216 395325217 395325218 395325219 395325220 395325221 395325222 395325223 395325224 None 395325502 395325503 395325504 395325505 395325506 395325507 395325508 395325509 395325510 395325511 395325512 395325513 395325514 395325515 395325516 395325517 395325518 395325519 395325520 395325521 395325522 395325523 395325524 Green 30 u" Gold Printing Options 10A 395325602 395325603 395325604 395325605 395325606 395325607 395325608 395325609 395325610 395325611 395325612 395325613 395325614 395325615 395325616 395325617 395325618 395325619 395325620 395325621 395325622 395325623 395325624 11A 395325702 395325703 395325704 395325705 395325706 395325707 395325708 395325709 395325710 395325711 395325712 395325713 395325714 395325715 395325716 395325717 395325718 395325719 395325720 395325721 395325722 395325723 395325724 Dim. A mm 10.16 15.24 20.32 25.40 30.48 35.56 40.64 45.72 50.80 55.88 60.96 66.04 71.12 76.20 81.28 86.36 91.44 96.52 101.60 106.68 111.76 116.84 121.92 inch 0.400 Dim B mm 5.08 inch 0.200 Dimensional Information
Description 5.08mm, Euro Header, Right Angle, Open End 5.08mm, Euro Header, Right Angle, Open End 5.08mm, Euro Header, Right Angle, Open End 5.08mm, Euro Header, Right Angle, Open End 5.08mm, Euro Header, Right Angle, Open End 5.08mm, Euro Header, Right Angle, Open End 5.08mm, Euro Header, Right Angle, Open End 5.08mm, Euro Header, Right Angle, Open End 5.08mm, Euro Header, Right Angle, Open End 5.08mm, Euro Header, Right Angle, Open End 5.08mm, Euro Header, Right Angle, Open End 5.08mm, Euro Header, Right Angle, Open End 5.08mm, Euro Header, Right Angle, Open End 5.08mm, Euro Header, Right Angle, Open End 5.08mm, Euro Header, Right Angle, Open End 5.08mm, Euro Header, Right Angle, Open End 5.08mm, Euro Header, Right Angle, Open End 5.08mm, Euro Header, Right Angle, Open End 5.08mm, Euro Header, Right Angle, Open End 5.08mm, Euro Header, Right Angle, Open End 5.08mm, Euro Header, Right Angle, Open End 5.08mm, Euro Header, Right Angle, Open End 5.08mm, Euro Header, Right Angle, Open End
2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
0.600 10.16 0.400 0.800 15.24 0.600 1.000 20.32 0.800 1.200 25.40 1.000 1.400 30.48 1.200 1.600 35.56 1.400 1.800 40.64 1.600 2.000 45.72 1.800 2.200 50.80 2.000 2.400 55.88 2.200 2.600 60.96 2.400 2.800 66.04 2.600 3.000 71.12 2.800 3.200 76.20 3.000 3.400 81.28 3.200 3.600 86.36 3.400 3.800 91.44 3.600 4.000 96.52 3.800 4.200 101.60 4.000 4.400 106.68 4.200 4.600 111.76 4.400 4.800 116.84 4.600


▲Up To Search▲   

 
Price & Availability of 0395320003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X